PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
LPC2194 LPC2194JBD64 |
Single-chip 32-bit micro with CAN Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
PHILIPS[Philips Semiconductors]
|
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|
M306N0FGFP M306N0FGTFP M306N0MCT-XXXFP M16C/6N M30 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single Chip 16 Bit CMOS Microcomputer M16C/6N Series Microcontrollers: For Controller Area Network Single chip 16-bit CMOS microcomputer
|
Mitsubishi Electric Semicon... Mitsubishi Electric Corporation
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|
LC866008 LC866012 LC866016 LC866020 LC866024 LC866 |
CMOS 8-Bit Single-Chip Microcomputers 8-Bit Single Chip Microcontroller with One-Time PROM
|
SANYO[Sanyo Semicon Device]
|
LPC2103FA44 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
NXP Semiconductors
|
UPD17P005 UPD17P005GF UPD17P005GF-3B9 UPD17P005GF- |
OTP version 4-bit single-chip microcontroller 4-BIT SINGLE-CHIP MICROCONTROLLER WITH ONE-TIME PROM AND HARDWARE FOR DIGITAL TUINING SYSTEMS GIGATRUE 550 CAT6 PATCH 7 FT, SNAGLESS, GRAY
|
NEC[NEC] NEC Corp.
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
LPC2364 LPC2366 LPC2368 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|